Part Number Hot Search : 
4AC24 SXX18 TDA1013B F130410 TSE02B TC5020 CD6281CA F55976
Product Description
Full Text Search
 

To Download 3510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD 3510
PC POWER SUPPLY SUPERVISORS
DESCRIPTION
The UTC 3510 is designed to provide protection circuits, power good output (PGO) indicator, fault protection output (FPO) and a PSON control for PC switching power supply systems. The protection circuits include over voltage protection (OVP) monitoring for 3.3V, 5V and 12V (12V via VDD pin) and under voltage protection(UVP) monitoring for 3.3V and 5V. When an OV or UV event arose and is detected, the power good output (PGO) goes low and the FPO will be set to high. The protection latch can be reset by setting PSON to high. UVP function is enabled 75ms after PSON is set low and de-bounced. Besides, there is a 2.3ms delay with 38ms de-bounce at turn off but no delay during turn on. When OVP and UVP detected the right voltage level, a PGO signal will be issued. SOP-8
CMOS IC
DIP - 8
*Pb - free plating product number: 3510L
FEATURES
* Over Voltage Protection and Lock Out for 3V, 5V and 12V. * Under Voltage Protection and Lock Out for 3.3V and 5V. * Open Drain Output for PGO and FPO pin. * 300ms delay for PGO. * 75ms delay for 3.3V and 5V short-circuit turn-on protection. * 2.3ms PSON control to FPO turn-off delay. * 38ms PSON control de-bounce. * 73us width noise deglitches. * Wide supply voltage range from 4V ~15V.
ORDERING INFORMATION Order Number Normal Lead Free Plating 3510-D08-T 3510L-D08-T 3510-S08-R 3510L-S08-R 3510-S08-T 3510L-S08-T
3 5 1 0 L - D 0 8 -T (1)Packing Type (2)Package Type (3)Lead Plating (1) R: Tape Reel, T: Tube (2) D08: DIP-8, S08: SOP-8 (3) L: Lead Free Plating Blank: Pb/Sn ,
Package DIP-8 SOP-8 SOP-8
Packing Tube Tape Reel Tube
www.unisonic.com.tw Copyright (c) 2005 Unisonic Technologies Co., Ltd
1 of 9
QW-R502-048,B
3510
PIN CONFIGURATION
CMOS IC
PGI GND FPO PSON
1 2 3 4
8 7 6 5
PGO VDD VS5 VS33
PIN DESCRIPTION
PIN No. 1 2 3 4 5 6 7 8 PIN NAME PGI GND FPO PSON VS33 VS5 VDD PGO TYPE I O I I I I O DESCRIPTION Power good input Ground Fault protection output(invert), open drain output stage ON/OFF control 3.3V over/under-voltage protection 5V over/under-voltage protection Supply voltage/12V over-voltage protection input pin Power good output, open drain output stage
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 9
QW-R502-048,B
3510
BLOCK DIAGRAM
VDD 12V OV + POR
CMOS IC
VS5 R 5 V OV + 73 s Debounce S Q FPO
VS33
73 s Debounce 3.3 V OV + 3. 3 V UV + 5V UV + + PGI 1
2.3ms Delay
VDD
38ms Debounce
PSON
75ms Delay VDD PGO 150 s Debounce PGI 2 + 150 s Debounce and 4.8ms Delay 300ms Delay
Band - Gap Reference 1.2 V PGI
Band - Gap Reference 0.95V
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
3 of 9
QW-R502-048,B
3510
ABSOLUTE MAXIMUM RATINGS
PARAMETER Supply Voltage SYMBOL VDD
CMOS IC
RATINGS UNIT 16 V FPO 16 Output Voltage VOUT V PGO 8 All Other Pins -0.3 ~ 16 V DIP-8 1092 Power Dissipation (Ta 25C) PD mWV SOP-8 730 Operating Temperature TOPR -20 ~ +85 Storage Temperature TSTG -40 ~ +150 Note: 1. Absolute maximum ratings are stress ratings only and functional device operation is not implied. The device could be damaged beyond Absolute maximum ratings. 2. The device is guaranteed to meet performance specifications within 0 ~+70 operating temperature range and assured by design from -20 ~+85 .
RECOMMENDED OPERATING CONDITIONS
PARAMETER Supply Voltage Input Voltage Output Voltage Output Sink Current PSON, VS5, VS33 PGI FPO PGO FPO PGO SYMBOL VDD VIN VOUT IO(SINK) 1 MIN 4 TYP MAX 15 7 7 15 7 20 10 UNIT V V V mA ms
VDD+0.3V
Supply Voltage Rising Time (See Note) Note: VDD rising and falling slew rate must be less than 14V/ms.
ELECTRICAL CHARACTERISTICS (Ta 25C ,unless otherwise specified.)
PARAMETER OVER-VOLTAGE PROTECTION Over Voltage Threshold Low-level Output Voltage (FPO) Leakage Current (FPO) Noise Deglitch Time OVP PGI AND PGO Input threshold Voltage Under Voltage Threshold Low-level Output Voltage (PGO) Leakage Current (PGO) Short-Circuit Protection Delay Transient Delay time PGI VS33 VS5 SYMBOL VS33 VS5 VDD VOL ILEAK TEST CONDITIONS MIN 3.7 5.7 13.2 VDD =5V, IO(SINK) =20mA V(FPO) =5V VDD =5V TYP 3.9 6.1 13.8 MAX 4.1 6.5 14.4 0.7 5 110 1.2 1 2.4 3.7 0.4 5 114 450 7.2 225 445 220 UNIT
V V A S
35 1.1 0.9 2 3.3
73 1.15 0.95 2.2 3.5
VPGI VPG2 VIT VOL ILEAK VDD =4V, IO(SINK) =10 mA PGO = 5 V
V V V A ms ms
3.3V, 5V PGI to PGO PGI to FPO PGI to PGO PGI to FPO UVP to FPO
tDLY1
VDD = 5 V
Noise Deglitch Time
VDD = 5 V
49 200 3.2 88 180 82
75 300 4.8 150 296 146
s
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
4 of 9
QW-R502-048,B
3510
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER PSON CONTROL Input Voltage High-level Low-level VIH VIL IIN tB tDLY2 IDD 2.4 SYMBOL TEST CONDITIONS MIN TYP
CMOS IC
MAX
UNIT V V A ms ms mA
1.2 PSON = 0 V VDD = 5 V VDD = 5 V PSON =5V 120 24 38 tB+1.1 tB+2.3 57 tB+4 1
Input Pullup Current Debounce Time (PSON) Transient Delay Time (PSON to FPO) TOTAL DEVICE Supply Current
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
5 of 9
QW-R502-048,B
3510
TIMING DIAGRAM
CMOS IC
VDD
PSON
FPO
PGI
3.3V 5V
12V
PGO tDLY1 tB tDLY1 tDLY2 Protect Occur PSON On PSON On AC Off tDLY1 PG OFF Delay
PSON Off
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
6 of 9
QW-R502-048,B
3510
TYPICAL APPLICATION
5 VSB PGI PGO 12V 1 2 3 PSON (From Motherboard) 4 8 7 6 5 0.5 V Drop VSB 5V 3.3V
CMOS IC
PGI GND FPO PSON
PGO VDD VS5 VS33
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
7 of 9
QW-R502-048,B
3510
TYPICAL CHARACTERISTICS
SUPPLY CURRENT vs SUPPLY VOLTAGE 400
Supply Current, IDD ( A)
CMOS IC
INPUT CURRENT (PSON) vs INPUT VOLTAGE (PSON) 20 0
Input Current, IIN ( A)
VDD=4V
300 200 100 0 -100 -200 -300 0 2.5 5 7.5 10 12.5 15 Supply Voltage VDD (V) , PGI=1.4V PSON=5V Ta = -20C Ta = 25C T a = 85C
-20 -40 -60 -80 -100 -120 -140 0 1 2 3 4 5 6 7 Input Voltage, VIN (V) Ta = -20C Ta = 25C Ta = 85C
LOW-LEVEL OUTPUT VOLTAGE (FPO) vs LOW-LEVEL OUTPUT CURRENT (FPO) 4
Low-Level Output Voltage, VOL (V) Low-Level Output Voltage, VOL (mV)
LOW-LEVEL OUTPUT VOLTAGE (FPO) vs LOW-LEVEL OUTPUT CURRENT (FPO) 800 VDD=4V 700 PSON=GND Exploded View 600 500 400 300 200 100 0 0 5 10 T a = 85C Ta = 25C Ta = -20C 15 20 25
VDD=4V PSON=GND
3
2
1
Ta = 85C Ta = 25C Ta = -20C 0 20 40 60 80 100
0 Low-Level Output Current, IOL (mA)
Low-Level Output Current, IOL (mA)
LOW-LEVEL OUTPUT VOLTAGE (PGO) vs LOW-LEVEL OUTPUT CURRENT (PGO) 4 VDD=4V PSON=GND 600
LOW-LEVEL OUTPUT VOLTAGE (PGO) vs LOW-LEVEL OUTPUT CURRENT (PGO) VDD=4V PSON=GND Exploded View
Low-Level Output Voltage, VOL (mV)
Low-Level Output Voltage, VOL (V)
500 400 300 200 100 0
3
2
1
Ta = 85C Ta = 25C T a = -20C 0 25 50 75 100 125 150
Ta = 85C Ta = 25C Ta = -20C 0 5 10 15 20
0 Low-Level Output Current, IOL (mA)
Low-Level Output Current, IOL (mA)
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
8 of 9
QW-R502-048,B
3510
CMOS IC
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
9 of 9
QW-R502-048,B


▲Up To Search▲   

 
Price & Availability of 3510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X